PART |
Description |
Maker |
BT136M-500 BT136M-500F BT136M-500G BT136M-600 BT13 |
Triacs 双向可控 Octal Registered Transceivers with 3-State Outputs 24-SSOP/QSOP -40 to 85 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 Triacs(双向可控 800 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 Octal Registered Transceivers with 3-State Outputs 24-SSOP/QSOP -40 to 85 500 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 Triacs 500 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 DIODE ZENER DUAL COMMON-ANODE 300mW 8.2Vz 5mA-Izt 0.05 0.1uA-Ir 6 SOT-23 3K/REEL RECTIFIER SCHOTTKY SINGLE 0.5A 20V 5.5A-Ifsm 0.385Vf 0.25A-IR SOD-123 3K/REEL Octal Registered Transceivers with 3-State Outputs 24-SOIC -40 to 85 Triacs sensitive gate Triacs logic level
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BTA312B-800C BTA312B BTA312B-600B BTA312B-600C BTA |
12 A Three-quadrant triacs high commutation; Package: SOT404 (D2PAK); Container: Tape reel smd 600 V, 12 A, 4 QUADRANT LOGIC LEVEL TRIAC
|
NXP[NXP Semiconductors] NXP Semiconductors N.V.
|
FT0607DH00TU FT0607MH00TU |
400 V, 6 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 600 V, 6 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB
|
|
MPC17531A MPC17531AEL MPC17531AEP MPC17531AEV MPC1 |
700mA Dual H-Bridge Motor Driver with 3.0V Compatible Logic I/O 700?毫安双H桥电机驱动器兼容逻辑.0V的I / O 700?mA Dual H-Bridge Motor Driver with 3.0V Compatible Logic I/O
|
飞思卡尔半导体(中国)有限公司 Freescale Semiconductor, Inc Freescale (Motorola)
|
BT136-500D BT136-600D BT136SERIESD |
Triacs logic level 500 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB
|
NXP Semiconductors N.V. Philips Semiconductors
|
BT137F-600 BT137F BT137F-800G BT137F-500 BT137F-50 |
1-of-8 Decoder 16-CDIP -55 to 125 DIODE DUAL SW 75V 350MW SOT-23 DIODE SWITCH 85V 150MW SOT-523 DIODE SWITCHING DUAL COMMON-ANODE 75V 215mA-Io 150mW 3000ns-trr SOT-523 3K/REEL DIODE SWITCHING DUAL SERIES 75V 150mA-Io 200mW 4ns-trr SOT-323 3K/REEL DIO SM DUAL SER BAV99W SOT323 Transient Voltage Suppressor Diodes Triacs 800 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC DIODE SWITCHING DUAL-DUAL COMMON-CATHODE/ANODE 75V 150mA-Io 200mW 4ns-trr SOT-363 3K/REEL 800 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC SMD DIODE BAW56 70V 600 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
Z0103NA |
Logic level four-quadrant triac
|
NXP Semiconductors
|
Z0107MAT/R 934057056116 934057056412 |
Logic level four-quadrant triac
|
NXP Semiconductors
|
Z0109NA |
Logic level four-quadrant triac
|
NXP Semiconductors
|
Z0109NA0 |
Logic level four-quadrant triac
|
NXP Semiconductors
|
CQ92MLEADFREE |
600 V, 1 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92
|
CENTRAL SEMICONDUCTOR CORP
|